published date : mar 20,2008 drawing no :sdsa0348 v4 checked : shin ch i p.1/4 part number : EUR2350M 19.05mmx3.81mm led light bar www.sunled.com notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subjec t to change without notice . absolute maximum ratings (t a =25c ) ur (gaasp/gap) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 160 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3~5 seconds c part number emitting color emitting material lens-color luminous intensity (if=20ma) mcd wavelength nm p min. typ. EUR2350M red gaasp/gap white diffused 10 49 627 ur (gaasp/gap) unit forward voltage (typ.) (i f =20ma) v f 2.0 v forward voltage (max.) (i f =20ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =20ma) p 627 nm wavelength of domi- nant emission (typ.) (i f =20ma) d 625 nm spectral line full width at half- maximum (typ.) (i f =20ma) ? 45 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c ) features z uniform light emitting area. z low current operation. z easily mounted on p.c. boards. z flush mountable. z can be used with panels and legend mounts. z excellent on/off contrast. rohs compliant.
published date : mar 20,2008 drawing no :sdsa0348 v4 checked : shin ch i p.2/4 part number : EUR2350M 19.05mmx3.81mm led light bar www.sunled.com ? ur
published date : mar 20,2008 drawing no :sdsa0348 v4 checked : shin ch i p.3/4 part number : EUR2350M 19.05mmx3.81mm led light bar www.sunled.com remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : mar 20,2008 drawing no :sdsa0348 v4 checked : shin ch i p.4/4 part number : EUR2350M 19.05mmx3.81mm led light bar www.sunled.com packing & label specifications EUR2350M
|